Part Number Hot Search : 
HER204 1N582 53248 B410000 QFP144 05121 NSA341 MXP2001
Product Description
Full Text Search
 

To Download EL2120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL2120
Data Sheet January 1996, Rev E FN7044
100MHz Current Feedback Amplifier
The EL2120 is a wideband current feedback amplifier optimized for video performance. Its 0.01% differential gain and 0.03 degree differential phase performance when at 5V supplies exceeds the performance of other amplifiers running on 15V supplies. Operating on 8 to 15V supplies reduces distortions to 0.01% and 0.01 degrees and below. The EL2120 can operate with supplies as low as 2.5V or a single +5V supply. Being a current feedback design, bandwidth is a relatively constant 100MHz over the 1 to 10 gain range. The EL2120 has been optimized for flat gain over frequency and all characteristics are maintained at positive unity gain. Because the input slew rate is similar to the 700V/s output slew rate the part makes an excellent high-speed buffer. The EL2120 has a superior output disable function. Time to enable or disable is 50ns and does not change markedly with temperature. Furthermore, in disable mode the output does not draw excessive currents when driven with 1000V/s slew rates. The output appears as a 3pF load when disabled.
Features
* Excellent differential gain and phase on 5V to 15V supplies * 100MHz -3dB bandwidth from gains of 1 to 10 * 700V/s slew rate * 0.1dB flatness to 20MHz * Output disable in 50ns - remains high impedance even when driven with large slew rates * Single +5V supply operation * AC characteristics are lot and temperature stable * Available in small SO-8 package
Applications
* Video gain block * Residue amplifier * Multiplexer * Current to voltage converter * Coax cable driver with gain of 2 * ADC driver
Simplified Schematic
Ordering Information
PART NUMBER EL2120CN EL2120CS TEMP. RANGE 0C to +75C 0C to +75C PACKAGE 8-Pin PDIP 8-Pin SO PKG. NO. MDP0031 MDP0027
Pinouts
EL2120 (8-PIN PDIP) TOP VIEW EL2120 (8-PIN SO) TOP VIEW
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc. All other trademarks mentioned are the property of their respective owners.
EL2120
Absolute Maximum Ratings (TA = 25C)
Voltage between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33V Voltage at +IN, -IN, VOUT . . . . . . . . . . . . . (V-) - 0.5V to (V+) + 0.5V Voltage between +IN and -IN . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V Voltage at /Disable . . . . . . . . . . . . . . . . . . . (V+) - 10V to (V+) + 0.5V Current into +IN, -IN, and /Disable. . . . . . . . . . . . . . . . . . . . . . 5mA Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . See Curves Operating Ambient Temperature Range . . . . . . . . . . . . . .0 to 75C Operating Junction Temperature PDIP or SO . . . . . . . . . . . . . 150C Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Open-Loop DC Electrical Specifications
PARAMETER VOS VOS/T IB+ IBCMRR -ICMR PSRR +IPSR -IPSR ROL AVOL +RIN VIN VO ISC IO,DIS VDIS,ON VDIS,OFF IDIS,ON IDIS,OFF IS NOTES: 1. The input is moved from -3V to +3V 2. The supplies are moved from 5V to 15V DESCRIPTION Input Offset Voltage VS = 15V Input Offset Drift +VIN Input Bias Current -VIN Input Bias Current Common-Mode Rejection (Note 1)
VS = 5V; RL = 150, TA = 25C unless otherwise specified TEMP Full Full Full Full Full Full Full Full 25C Full Full Full 25C Full Full 25C Full Full Full Full Full Full 1.0 17 20 (V+) - 1 (V+) - 4 5 3.0 3.0 70 58 65 50 MIN TYP 4 2 20 5 10 55 8 80 0.03 0.6 140 66 2 3.5 3.5 100 5 50 5 20 15 50 MAX 20 25 UNITS mV mV V/C A A dB A/V dB A/V A/V k dB M V V mA A V V A mA mA
-Input Current Common-Mode Rejection (Note 1) Power Supply Rejection (Note 2) +Input Current Power Supply Rejection (Note 2) -Input Current Power Supply Rejection (Note 2) Transimpedance Voltage Gain +VIN Input Impedance +VIN Range Output Voltage Swing Output Short-Circuit Current Output Current, Disabled Disable Pin Voltage for Output Enabled Disable Pin Voltage for Output Disabled Disable Pin Current for Output Enabled Disable Pin Current for Output Disabled Supply Current (VS = 15V)
2
EL2120
Closed-Loop AC Electrical Specifications
PARAMETER SR VS = 15V; AV = +2 (RF = RG = 270); RL = 150; CL = 7pF; CIN- = 2pF; TA = 25C MIN TYP MAX LEVEL UNITS
DESCRIPTION Slew Rate; VOUT from -3V to +3V Measured at -2V and +2V VS = 15V VS = 5V
750 550
V/s V/s
tS
Settling Time to 0.25% of a 0 to +10V Swing; AV = +1 with RF = 270, RG = x, and RL = 400 Bandwidth -3dB 1dB 0.1dB -3dB 1dB 0.1dB
50 95 50 16 75 35 11 0.5
ns MHz MHz MHz MHz MHz MHz dB
BW
BW@2.5V
Bandwidth at VS = 2.5V
Peaking dG Differential Gain; DC Offset from -0.7V through +0.7V, AC Amplitude 286 mVp-p VS = 15V, f = 3.58MHz VS = 15V, f = 30MHz VS = 5V, f = 3.58MHz Differential Phase; DC Offset from -0.7V through +0.7V, AC Amplitude 286 mVp-p VS = 15V, f = 3.58MHz VS = 15V, f = 30MHz VS = 5V, f = 3.58MHz
<0.01 0.1 0.01
% % %
d
0.01 0.1 0.06

Typical Performance Curves
AC Test Circuit
Frequency Response vs RF
Frequency Response vs Gain
Frequency Response vs Load
3
EL2120 Typical Performance Curves
(Continued)
Gain Flatness vs CIN-
Gain Flatness vs RF
-3dB Bandwidth, 0.1dB Bandwidth, and Peaking vs Temperature at VS 15V
-3dB Bandwidth, 0.1dB Bandwidth, and Peaking vs Temperature at VS 5V
-3dB Bandwidth, 0.1dB Bandwidth, and Peaking vs Supply Voltage
Deviation From Linear Phase vs Frequency
4
EL2120 Typical Performance Curves
(Continued)
Differential Gain vs DC Input Offset at 3.58MHz
Differential Phase vs DC Input Offset at 3.58MHz
Differential Gain vs DC Input Offset at 30MHz
Differential Phase vs DC Input Offset at 30MHz
Differential Gain and Phase vs Supply Voltage (VIN, DC from 0 to +0.7V)
Input Noise Voltage and Current
5
EL2120 Typical Performance Curves
(Continued)
Undistorted Output Swing vs Frequency
Slew Rate vs Temperature
Small-Signal Transient Response
Large-Signal Transient Response at 30MHz
AV = +2, RF = RG = 270, RL = 150
AV = +2, RF = RG = 270, RL = 150, VS = 15V
Settling Time vs Swing
Long Term Settling Error
6
EL2120 Typical Performance Curves
(Continued)
Disable Response for a Family of Inputs
Enable Response for a Family of Inputs
AV = +2, RL = 150, VS = 5V
AV = +2, RL = 150, VS = 5V 8-Pin Plastic DIP Maximum Power Dissipation vs Ambient Temperature
Supply Current vs Supply Voltage
8-Pin SO Maximum Power Dissipation vs Ambient Temperature
Applications Information
The EL2120 represents the third generation of currentfeedback amplifier design. It is designed to provide good high-frequency performance over wide supply voltage, load impedance, gain, temperature, and manufacturing lot variations. It is a well-behaved amplifier in spite of its 100MHz bandwidth, but a few precautions should be taken to obtain maximum performance. The power supply pins must be well bypassed. 0.01F ceramic capacitors are adequate, but lead length should be kept below 1/4" and a ground plane is recommended. Bypassing with 4.7F tantalum capacitors can improve
settling characteristics, and smaller capacitors in parallel will not be needed. The lead length of sockets generally deteriorates the amplifier's frequency response by exaggerating peaking and increasing ringing in response to transients. Short sockets cause little degradation. Load capacitance also increases ringing and peaking. Capacitance greater than 35pF should be isolated with a series resistor. Capacitance at the VIN- terminal has a similar effect, and should be kept below 5pF. Often, the inductance of the leads of a load capacitance will be selfresonant at frequencies from 40MHz to 200MHz and can cause oscillations. A resonant load can be de-Q'ed with a small series or parallel resistor. A "snubber" can sometimes
7
EL2120
be used to reduce resonances. This is a resistor and capacitor in series connected from output to ground. Values of 68 and 33pF are typical. Increasing the feedback resistor can also improve frequency flatness. The VIN+ pin can oscillate in the 200MHz to 500MHz realm if presented with a resonant or inductive source impedance. A series 27 to 68 resistor right on the VIN+ pin will suppress such oscillations without affecting frequency response. -3dB bandwidth is inversely proportional to the value of feedback resistor RF. The EL2120 will tolerate values as low as 180 for a maximum bandwidth of about 140MHz, but peaking will increase and tolerance to stray capacitance will reduce. At gains greater than 5, -3dB bandwidth begins to reduce, and a smaller RF can be used to maximize frequency response. The greatest frequency response flatness (to 0.1dB, for instance) occurs with RF = 300 to 330. Even the moderate peaking caused by lower values of RF will cause the gain to peak out of the 0.1dB window, and higher values of RF will cause an overcompensated response where the gain falls below the 0.1dB level. Parasitic capacitances will generally degrade the frequency flatness. The EL2120 should not output a continuous current above 50mA, as stated in the ABSOLUTE MAXIMUM RATINGS table. The output current limit is set to 120mA at a die temperature of 25C and reduces to 85mA at a die temperature of 150C. This large current is needed to slew load capacitance and drive low impedance loads with low distortion but cannot be supported continuously. Furthermore, package dissipation capabilities cannot be met under short-circuit conditions. Current limit should not occur longer than a few seconds. The output disable function of the EL2120 is optimized for video performance. While in disable mode, the feedthrough of the circuit can be modeled as a 0.2pF capacitor from VIN+ to the output. No more than 5V can be placed between VIN+ and VIN- in disable mode, but this is compatible with common video signal levels. In disabled state the output can withstand about 1000V/s slew rate signals impressed on it without the output transistors turning on. The /Disable pin logic level is referred to V+. With 5V supplies, a CMOS or TTL driver with pull-up resistor will suffice. 15V supplies require a +14/+11V drive span, or +15/+10V nominally. Open-collector TTL with a tapped pullup resistor can provide these spans. The impedance of the divider should be 1k or less for optimum enable/disable speed. The EL2120 enables in 50ns or less. When VIN = 0, only a small switching glitch occurs at the output. When VIN is some other value, the output overshoots by about 0.7V when settling toward its new enabled value. When the EL2120 disables, it turns off very rapidly for inputs of 1V or less, and the output sags more slowly for inputs larger than this. For inputs as large as 2.5V the output current can be absorbed by another EL2120 simultaneously enabled. Under these conditions, switching will be properly completed in 50ns or less. The greater thermal resistance of the SO-8 package requires that the EL2120 be operated from 10V supplies or less to maintain the 150C maximum die temperature over the commercial temperature range. The P-DIP package allows the full 16.5V supply operation.
8
EL2120 Typical Applications Circuit--A High Quality Two-Input Multiplexer
Dual EL2120 Multiplexer Channel-to-Channel Isolation of Dual EL2120 Multiplexer
Dual EL2120 Multiplexer Switching Channels: Uncorrelated Sinewave Switched to a Family of DC Levels
Dual EL2120 Multiplexer Switching Channels: a Family of DC Levels Switched to an Uncorrelated Sinewave
9
EL2120 The EL2120 Macromodel
This macromodel has been developed to assist the user in simulating the EL2120 with surrounding circuitry. It was developed for the PSPICE simulator (copyrighted by the Microsim corporation), and may need to be rearranged for other simulators, particularly the H operator. It approximates frequency response and small-signal transients as well, although the effects of load capacitance does not show. This model is slightly more complicated than the models used for low-frequency op-amps, but is much more accurate for AC. The model does not simulate these characteristics accurately: * noise * non-linearities * slew rate limitations * temperature effects * settling time * manufacturing variations * input or output resonances * CMRR and PSRR * Revision A. March 1992 * Enhancements include PSRR, CMRR, and Slew Rate Limiting * Connections: +input * | -input * | | +Vsupply * | | | -Vsupply * | | | | output * | | | | | .subckt M2120 3 2 7 4 6 * * Input Stage * e1 10 0 3 0 1.0 vis 10 9 0V h2 9 12 vxx 1.0 r1 2 11 25 l1 11 12 20nH iinp 3 0 10A iinm 2 0 5A r12 3 0 2Meg * * Slew Rate Limiting * h1 13 0 vis 600 r2 13 14 1K d1 14 0 dclamp s2 0 14 dclamp * * High Frequency Pole * e2 30 0 14 0 0.00166666666 15 30 17 1H c5 17 0 0.5pF r5 17 0 600 * * Transimpedance Stage * g1 0 18 17 0 1.0 rol 18 0 140K cdp 18 0 7.9pF * * Output Stage * q1 4 18 19 qp q2 7 18 20 qn q3 7 19 21 qn 10
EL2120
q4 4 20 22 qp r7 21 6 4 r8 22 6 4 ios1 7 19 2.5mA ios2 20 4 2.5mA * * Supply * ips 7 4 10mA * * Error Terms * ivos 0 23 5mA vxx 23 0 0V e4 24 0 6 0 1.0 e5 25 0 7 0 1.0 e6 26 0 4 0 1.0 r9 24 23 562 r10 25 23 10K r11 26 23 10K * * Models * .model qn npn (is=5e-15 bf=500 tf=0.1nS) .model qp pnp (is=5e-15 bf=500 tf=0.1nS) .model dclamp d(is=1e-30 ibv=0.02 bv=4 n =4) .ends
11
EL2120 The EL2120 Macromodel
(Continued)
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 12


▲Up To Search▲   

 
Price & Availability of EL2120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X